Part Number Hot Search : 
N10A0 GU60L02 RLZ14S SBT70 SD692 TEMT4700 6265GEK SP9504
Product Description
Full Text Search
 

To Download BYM11-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay Semiconductors
formerly General Semiconductor
Surface Mount Glass Passivated Junction Fast Switching Rectifier Reverse Voltage 50 to 1000 V
DO-213AB
SOLDERABLE ENDS 1st BAND
ted* aten P
0 D2 = D1 + 0.008 (0.20) D1= 0.105 0.095 (2.67) (2.41) 0.022 (0.56) 0.018 (0.46)
Features
Forward Current 1.0 A
D2
0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) 1st band denotes type and positive end (cathode)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Capable of meeting environmental standards of MIL-S-19500 * For surface mount applications * High temperature metallurgically bonded construction * Cavity-free glass passivated junction * Fast switching for high efficiency * High temperature soldering guaranteed: 450C/5 seconds at terminals. Complete device sub-mersible temperature of 260C for 10 seconds in solder bath
Mechanical Data
Case: JEDEC DO-213AB, molded plastic over glass body Terminals: Plated terminals, solderable per MIL-STD-750, Method 2026 Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating Mounting Position: Any Weight: 0.116 oz., 0.0046 g Packaging codes/options: 26/5K per 13" Reel (12mm tape) 46/1.5K per 7" Reel (12mm tape)
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation is covered by
Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306
(R)
Maximum Ratings & Thermal Characteristics Ratings at 25C ambient temperature unless otherwise specified.
Symbols Fast switching time device: 1st band is Red Polarity color bands (2nd Band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TT=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average at TA=55C Maximum thermal resistance (Note 1)
(Note 2)
BYM11 BYM11 BYM11 BYM11 BYM11 BYM11 BYM11 -50 -100 -200 -400 -600 -800 -1000 Units
RGL 41A Gray RGL 41B Red RGL 41D Orange RGL 41G Yellow RGL 41J Green RGL 41K Blue RGL 41M Violet
VRRM VRMS VDC IF(AV) IFSM IR(AV) RJA RJT TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 50
600 420 600
800 560 800
1000 700 1000
V V V A A A C/W C
Operating junction and storage temperature range
75 30 -65 to +175
Electrical Characteristics
Ratings at 25C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current TA=25C at rated DC blocking voltage TA=125C Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz
Symbols VF IR trr CJ
BYM11 BYM11 BYM11 BYM11 BYM11 BYM11 BYM11 -50 -100 -200 -400 -600 -800 -1000 Units
1.3 5.0 50 150 15 250 500
V A ns pF
Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal (2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal
Document Number 88547 07-Mar-02
www.vishay.com 1
BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig 1 - Forward Current Derating Curve
1.25 30
Fig 2 - Maximum Non-repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
TJ = TJ max 8.3ms Single Half Sine-wave (JEDEC Method)
Average Forward Rectified Current (A)
Resistive or Inductive Load 1.0
25
0.75
20
0.5
15
0.25
10
0 25 50 75 100 125 150 175
0 1 10 100
Terminal Temperature (C)
Number of Cycles at 60Hz
Fig 3 - Typical Instantaneous Forward Characteristics
10 10
Fig 4 - Typical Reverse Characteristics
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
1 TJ = 25C Pulse width = 300s 1% Duty Cycle 0.1
1
TJ = 100C
0.1
TJ = 25C 0.01
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
20
40
60
80
100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig 5 - Typical Junction Capacitance
100 100
Fig. 6 - Typical Transient Thermal Impedance
Transient Thermal Impedance (C/W)
Mounted on 0.20 x 0.27" (5 x 7mm) Copper Pad Areas
TJ = 25C f = 1.0 MHz Vsig = 50mVp-p
Capacitance (pF)
10
10
1
1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t -- Pulse Duration (sec)
www.vishay.com 2
Document Number 88547 07-Mar-02


▲Up To Search▲   

 
Price & Availability of BYM11-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X